PART |
Description |
Maker |
NOMCT16031002AT0 |
NOMCT,16P,ISO,10K,0.1%,ABS,0.05%,RAT T0,E3 - Tape and Reel
|
Vishay Dale
|
EL5203ISZ-T13 EL5203IYZ-T13 ELS5102 EL5102 EL5102I |
400MHz Slew Enhanced VFAs Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:35VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Body Diameter:10mm; Body Length:10.2mm RoHS Compliant: No 400MHz Slew Enhanced VFAs 1 CHANNEL, VIDEO AMPLIFIER, PDSO16 400MHz Slew Enhanced VFAs 1 CHANNEL, VIDEO AMPLIFIER, PDSO8 400MHz Slew Enhanced VFAs 1 CHANNEL, VIDEO AMPLIFIER, PDSO5
|
INTERSIL[Intersil Corporation] 音频/视频放 Intersil, Corp.
|
HA3-2839-5 HA3-2839-9 HA-2839_883 FN3593 HA1-2839- |
From old datasheet system Very High Slew Rate, Wideband Operational Amplifier 600MHz, Very High Slew Rate Operational Amplifier Very High Slew Rate,
Wideband Operational Amplifier(高转换率、宽带运算放大器) Very High Slew Rate/ Wideband Operational Amplifier 600MHz/ Very High Slew Rate Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
HS-2510RH 5962D9568601VPA HS9-2510RH-Q HS7-2510RH- |
Radiation Hardened High Slew Rate Operational Amplifier Radiation Hardened High Slew Rate Operational Amplifier OP-AMP, 8000 uV OFFSET-MAX, 12 MHz BAND WIDTH, CDIP8 CAP TANT LOESR 330UF 10V 20% SMD Radiation Hardened High Slew Rate
Operational Amplifier(抗辐射高输出电压转换速率、低偏置电流运算放大
|
Intersil, Corp. Intersil Corporation
|
LT1738EGTR LT1738 LT1738-15 |
Slew Rate Controlled Ultralow Noise DC/DC Controller 摆率控制的超低噪声DC / DC控制 Slew Rate Controlled Ultralow Noise DC/DC Controller; Package: SSOP; No of Pins: 20; Temperature Range: -40°C to 125°C 0.3 A SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO20 Slew Rate Controlled Ultralow Noise DC/DC Controller
|
Linear Technology, Corp.
|
MAX1482 MAX1482CPD MAX1482CSD MAX1482EPD MAX1482ES |
20A, 1.8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers 20A / 1.8-Unit-Load / Slew-Rate-Limited RS-485 Transceivers Low Power, Slew-Rate-Limited RS-485 Transceivers(250kbps锛????伐锛?S-485?跺??? Low Power, Slew-Rate-Limited RS-486 Transceivers(250kbps锛????伐锛?S-485?跺???
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADM4857 ADM4856 ADM4855 ADM4854 ADM4853 ADM4852 AD |
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers Full Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate MOSFET, N, TO-92; Transistor type:MOSFET; Current, Id cont:0.47A; Resistance, Rds on:2R; Case style:TO-92; Current, Idm pulse:1A; Pins, No. of:3; Pitch, lead:2.54mm; Power dissipation:0.8W; Power, Pd:0.8W; Temperature, RoHS Compliant: Yes 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, DSO8 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 5伏摆率限制半和全双工RS-485/RS-422收发 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
EL5302IUZ-T7 5102IS 5102ISZ 5203ISZ 5302IU 5302IUZ |
400MHz Slew Enhanced VFAs
|
http:// INTERSIL[Intersil Corporation]
|
EL510007 EL5300IU EL5300IU-T13 EL5300IU-T7 EL5300I |
200MHz Slew Enhanced VFA
|
Intersil Corporation
|
EL5202 EL5203 EL5302 ELS5102 EL5102 |
400MHz Slew Enhanced VFAs
|
Intersil Corporation
|